Part Number Hot Search : 
03007 CA10P X22C12S MM3Z10VS PQ1LAX95 6M182 CDB4265 03007
Product Description
Full Text Search
 

To Download ST-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thyristor Product Catalog
8
DO-35
DO-214AA
Bilateral Trigger Diacs
HT and ST Series
8
General Description
Teccor's "HT" and "ST" Series of bilateral trigger diacs offers a range of voltage characteristics from 27 to 70 volts. The diac semiconductor is a full-wave or bidirectional thyristor. It is triggered from a blocking-to-conduction state for either polarity of applied voltage whenever the amplitude of applied voltage exceeds the breakover voltage rating of the diac. The Teccor line of diacs features glass-passivated junctions to ensure long term device reliability and parameter stability. Teccor's glass offers a rugged, reliable barrier against junction contamination. The diac specifications listed in this data sheet are for standard products. Special parameter selections such as close tolerance voltage symmetry are available. Please consult the factory for more information for custom design applications. Suffix RP signifies tape-and-reel packing. Example: HT32RP.
Features
* * * * * * Glass passivated junctions Wide voltage range selections Epoxy SMT package High temperature solder bonded die attachment DO-35 trigger package Pre-tinned leads
"ST" Series "HT" Series
Teccor Electronics
+1 972-580-7777
http://www.teccor.com 8-1
Bilateral Trigger Diacs
Thyristor Product Catalog
ELECTRICAL CHARACTERISTICS TC = 25C Part No.
VBO Breakover Voltage (Forward and Reverse) VBO Breakover Voltage Symmetry VBO = [ | +VBO | - | - VBO | ] Volts DO-214AA DO-35 HT-32 HT-32A / HT-5761 HT-32B / HT-5761A HT-34B HT-35 HT-36A / HT-5762 HT-36B HT-40 HT-60 ST-34B ST-35 ST-36A ST-36B ST-40 MIN 27 28 30 32 30 32 34 35 56 MAX 37 36 34 36 40 40 38 45 70 MAX 3 (1) 2 (1) 2 (1) 2 (1) 3 (1) 2 (1) 2 (1) 3 (1) 4 MIN 10 (2) 7 at 10mA (4) 7 at 10mA (4) 10 (2) 10 (2) 7 at 10mA (4) 10 (2) 10 (2) 20 (2) MAX 25 25 25 25 25 25 25 25 25 MAX 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 1.5 Volts VBB Dynamic Breakback Voltage (3) | V | Volts IBO Peak Breakover Current at Breakover Voltage Amps ITRM Peak Pulse Current for 10s 120 PPS TA 40C Amps
General Notes
* * Lead solder temperature is +230C max. for 10 seconds max.; 1/16" (1.59mm) from case. See "Package Dimensions" section of this catalog.
LOAD UP TO 1500 WATTS 3.3 K TRIAC Q2015L5 200 K 120 VAC 60 Hz G MT1 MT2
Electrical Specification Notes
(1) (2) (3) Breakover Voltage symmetry as close as 1.0V is available from factory on these products. See Figures 8.4 and 8.5 for Test Circuit and waveforms. Typical switching time is 900 nano-seconds measured at IPK (see Figure 8.4) across a 20 resistor (see Figure 8.5). Switching time defined as rise time of IPK between the 10% to 90% points. See Figure 8.7.
0.1 F 100 V
(4)
HT-35 BILATERAL TRIGGER DIAC
Bilateral Trigger DIAC Specifications
* Maximum Ratings, Absolute-Maximum Values Maximum Trigger Firing Capacitance: 0.1F Device Dissipation (at TA = -40 to +40C): 250mW for DO-35 and 300mW for DO-214AA Derate Above +40C: 3.6mW/C for DO-35 and 3mW/C for DO-214AA * Temperature Ranges Storage: -40C to +125C Operating (Junction): -40C to +125C
Figure 8.1 Typical Diac-Triac Full-Wave Phase Control Circuit using Lower Voltage Diacs
HT and ST Series Thermal Resistance
Junction to Lead - RJL: C/W Junction to Ambient [RJA]: C/W (based on maximum lead temperature of 90C for DO-214AA and 85C for DO-35 devices)
Y S
DO-35
DO-214AA
100 [278] C/W
65 [200] C/W
http://www.teccor.com 8-2
Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Bilateral Trigger Diacs
10 5.0
Repetitive Peak On-State Current (ITRM) - Amps
3.0 2.0 1.0 0.5 0.3 0.2 0.1 0.05 0.03 0.02 .01 .005 .003 .002 .001 1 2 4 6 10 20 40 60 100 200 400 600 1000 2000 4000 10000
PULSE REPETITION RATE =120 pps TA = 40C ST or HT- 32x, -34x, -35, -36x, -40 HT-5761, -5761A, -5762
HT-60
SAFE OPERATING AREA
Base Pulse Duration - Microseconds
Figure 8.2 Repetitive Peak On-State Current vs Pulse Duration
+8
Percentage of VBO Change - %
+6 +4
ST or HT- 32x, 34x, 35, 36x, 40 HT-5761, 5761A, 5762
V +V BO
C V+
HT-60 +2 0
-VBO 0
t
VIL +IPK 0 t
-2 -4 -6 0 -40 -20 0 +20 +40 +60 +80 +100 +120 +140
-IPK
Junction Temperature (TJ) - C
Typical pulse base width is 10Sec.
Figure 8.3
Normalized VBO Change vs Junction Temperature
Figure 8.4
Test Circuit Waveforms (See Figure 8.5.)
Teccor Electronics
+1 972-580-7777
http://www.teccor.com 8-3
Bilateral Trigger Diacs
Thyristor Product Catalog
Current
47 k
*
100 k D.U.T. RL VC CT O.1 F
-VBO
10mA
V
Breakover Current IBO
IL
120V RMS 60 Hz
20 1%
Voltage +VBO Breakover Voltage VBO
*Adjust for one firing in each half cycle. D.U.T. = Diac
Figure 8.5
Circuit Used to Measure Diac Characteristics (See Figure 8.4.)
Figure 8.7
V-I Characteristics
300
Peak Output Current (IPK) - mA
250
200
Per Figure 8.5 with RL of 20
VI CE )
150
TY PI CA L (35
V
DE
100
50
0 .01 .02 .03 .04 .05 .06 .07 .08 .09 .10
Triggering Capacitance (CT) - F
Figure 8.6
Peak Output Current vs Triggering Capacitance
http://www.teccor.com 8-4
Teccor Electronics
+1 972-580-7777


▲Up To Search▲   

 
Price & Availability of ST-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X